PART |
Description |
Maker |
EL7563CMZ EL7563CRE-T13 EL7563 EL7563CREZ-T7 EL756 |
Monolithic 4 Amp DC:DC Step-Down Regulator 5 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO28 Monolithic 4 Amp DC:DC Step-Down Regulator 5 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO20 VINYL HOLE GROMMET 9/16,1
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EL7562CUZ-T13 |
Monolithic 2Amp DC-DC Step-Down Regulator 3 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO16
|
Intersil, Corp.
|
SAT8565R-3T-ADJ SAT8565P-3HT-3.3 SAT8565R-3HT-3.3 |
3.7 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PSFM5
|
|
MC33363B MC33363BP |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP13
|
Motorola ON Semiconductor
|
NCV8800HDW33G NCV8800HDW50R2G NCV8800HDW75R2G |
Synchronous Automotive Buck Regulator; Package: SO-16 WB; No of Pins: 16; Container: Tube; Qty per Container: 47 2.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 Synchronous Automotive Buck Regulator; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 2.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16
|
ON Semiconductor
|
EL7581 EL7581IRE EL7581IRE-T13 EL7581IRE-T7 EL7581 |
DC-DC Converter, 3-Channel, TFT/LCD Applications, V IN =2/14V VBOOST =5/18V, VON =5/40V, VOFF =-40/0V, IBOOST 720mA @ 12V 3-Channel DC-DC Converter 2.75 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
MAX630 MAX4193 MAX4193CJA MAX4193CPA MAX4193CSA MA |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.525 A SWITCHING REGULATOR, 75 kHz SWITCHING FREQ-MAX, PDIP8 XO 98.304MHZ 50PPM 5V 50PF-LOAD SMD-7050 TR-7-PL CMOS Micropower Step-UP Switching Regulator
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
BD9738KN |
SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC48 7-Channel Switching Regulator Controller for Digital Camera
|
ROHM[Rohm]
|
MIC2570 MIC2570-1B MIC2570-2B MIC2570-2BM MIC2570- |
Two-Cell Switching Regulator Preliminary Information 1 A SWITCHING REGULATOR, 20 kHz SWITCHING FREQ-MAX, PDSO8
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] http://
|
MM3010 MM3005C MM3005 MM3006 MM3009 MM3008 MM3005A |
0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO5 CMOS Switching Regulator (PWM controlled)
|
MITSUMI ELECTRIC CO LTD MITSUMI[Mitsumi Electronics, Corp.]
|
BD9130NV BD9130NV09 BD9130NV-E2 |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, DSO8 5 X 6 MM, 1.27 MMPITCH, LEAD FREE, SON-8 Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|